| Moteur de recherche de fiches techniques de composants électroniques |
|
1163039 Fiches technique(PDF) 2 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
1163039 Fiches technique(HTML) 2 Page - Festo Corporation. |
|
2 / 2 page ![]() Feature Value Type of mounting With through-hole and dowel pin With internal thread and dowel pin Optionally: Sealing air pneumatic connection M3 Pneumatic connection M5 Note on materials Free of copper and PTFE RoHS-compliant Cover cap material High-alloy stainless steel Housing material Wrought aluminum alloy Smooth anodized Gripper jaw material Steel Hardened 12/15/20 - Subject to change - Festo AG & Co. KG 2/2 |