Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16704 Fiches technique(PDF) 6 Page - NEC

No de pièce UPD16704
Description  240-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16704 Fiches technique(HTML) 6 Page - NEC

Back Button UPD16704 Datasheet HTML 2Page - NEC UPD16704 Datasheet HTML 3Page - NEC UPD16704 Datasheet HTML 4Page - NEC UPD16704 Datasheet HTML 5Page - NEC UPD16704 Datasheet HTML 6Page - NEC UPD16704 Datasheet HTML 7Page - NEC UPD16704 Datasheet HTML 8Page - NEC UPD16704 Datasheet HTML 9Page - NEC UPD16704 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet S15809EJ1V0DS
6
µµµµ PD16704
Figure 2
−−−−1. Pad Coordinate (3/3)
No
PAD Name
X[
µm]
Y[
µm]
Bump size (X:Y)[
µm]
No
PAD Name
X[
µm]
Y[
µm]
Bump size (X:Y)[
µm]
201
O94
-1620.0
310.5
40:80
251
O44
-4620.0
310.5
40:80
202
O93
-1680.0
310.5
40:80
252
O43
-4680.0
310.5
40:80
203
O92
-1740.0
310.5
40:80
253
O42
-4740.0
310.5
40:80
204
O91
-1800.0
310.5
40:80
254
O41
-4800.0
310.5
40:80
205
O90
-1860.0
310.5
40:80
255
O40
-4860.0
310.5
40:80
206
O89
-1920.0
310.5
40:80
256
O39
-4920.0
310.5
40:80
207
O88
-1980.0
310.5
40:80
257
O38
-4980.0
310.5
40:80
208
O87
-2040.0
310.5
40:80
258
O37
-5040.0
310.5
40:80
209
O86
-2100.0
310.5
40:80
259
O36
-5100.0
310.5
40:80
210
O85
-2160.0
310.5
40:80
260
O35
-5160.0
310.5
40:80
211
O84
-2220.0
310.5
40:80
261
O34
-5220.0
310.5
40:80
212
O83
-2280.0
310.5
40:80
262
O33
-5280.0
310.5
40:80
213
O82
-2340.0
310.5
40:80
263
O32
-5340.0
310.5
40:80
214
O81
-2400.0
310.5
40:80
264
O31
-5400.0
310.5
40:80
215
O80
-2460.0
310.5
40:80
265
O30
-5460.0
310.5
40:80
216
O79
-2520.0
310.5
40:80
266
O29
-5520.0
310.5
40:80
217
O78
-2580.0
310.5
40:80
267
O28
-5580.0
310.5
40:80
218
O77
-2640.0
310.5
40:80
268
O27
-5640.0
310.5
40:80
219
O76
-2700.0
310.5
40:80
269
O26
-5700.0
310.5
40:80
220
O75
-2760.0
310.5
40:80
270
O25
-5760.0
310.5
40:80
221
O74
-2820.0
310.5
40:80
271
O24
-5820.0
310.5
40:80
222
O73
-2880.0
310.5
40:80
272
O23
-5880.0
310.5
40:80
223
O72
-2940.0
310.5
40:80
273
O22
-5940.0
310.5
40:80
224
O71
-3000.0
310.5
40:80
274
O21
-6000.0
310.5
40:80
225
O70
-3060.0
310.5
40:80
275
O20
-6060.0
310.5
40:80
226
O69
-3120.0
310.5
40:80
276
O19
-6120.0
310.5
40:80
227
O68
-3180.0
310.5
40:80
277
O18
-6180.0
310.5
40:80
228
O67
-3240.0
310.5
40:80
278
O17
-6240.0
310.5
40:80
229
O66
-3300.0
310.5
40:80
279
O16
-6300.0
310.5
40:80
230
O65
-3360.0
310.5
40:80
280
O15
-6360.0
310.5
40:80
231
O64
-3420.0
310.5
40:80
281
O14
-6420.0
310.5
40:80
232
O63
-3480.0
310.5
40:80
282
O13
-6480.0
310.5
40:80
233
O62
-3540.0
310.5
40:80
283
O12
-6540.0
310.5
40:80
234
O61
-3600.0
310.5
40:80
284
O11
-6600.0
310.5
40:80
235
O60
-3660.0
310.5
40:80
285
O10
-6660.0
310.5
40:80
236
O59
-3720.0
310.5
40:80
286
O9
-6720.0
310.5
40:80
237
O58
-3780.0
310.5
40:80
287
O8
-6780.0
310.5
40:80
238
O57
-3840.0
310.5
40:80
288
O7
-6840.0
310.5
40:80
239
O56
-3900.0
310.5
40:80
289
O6
-6900.0
310.5
40:80
240
O55
-3960.0
310.5
40:80
290
O5
-6960.0
310.5
40:80
241
O54
-4020.0
310.5
40:80
291
O4
-7020.0
310.5
40:80
242
O53
-4080.0
310.5
40:80
292
O3
-7080.0
310.5
40:80
243
O52
-4140.0
310.5
40:80
293
O2
-7140.0
310.5
40:80
244
O51
-4200.0
310.5
40:80
294
O1
-7200.0
310.5
40:80
245
O50
-4260.0
310.5
40:80
295
DUMMY
-7260.0
310.5
40:80
246
O49
-4320.0
310.5
40:80
296
VDD2
-7556.0
296.0
110:60
247
O48
-4380.0
310.5
40:80
297
VDD2
-7556.0
216.0
110:60
248
O47
-4440.0
310.5
40:80
298
VDD2
-7556.0
136.0
110:60
249
O46
-4500.0
310.5
40:80
299
DUMMY
-7556.0
-80.0
80:40
250
O45
-4560.0
310.5
40:80
300
DUMMY
-7556.0
-220.0
80:40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14