| Moteur de recherche de fiches techniques de composants électroniques |
|
PIP3206-R Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PIP3206-R Fiches technique(HTML) 5 Page - NXP Semiconductors |
|
5 / 8 page ![]() Philips Semiconductors Preliminary specification TOPFET high side switch PIP3206-R SMD version UNDERVOLTAGE & OVERVOLTAGE CHARACTERISTICS Limits are at -40˚C ≤ T mb ≤ 150˚C and typicals at Tmb = 25 ˚C. Refer to TRUTH TABLE. SYMBOL PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Undervoltage V BG(UV) Low supply threshold voltage 1 2 4.2 5.5 V ∆V BG(UV) Hysteresis - 0.5 - V Overvoltage V BG(OV) High supply threshold voltage 2 40 45 50 V ∆V BG(OV) Hysteresis - 1 - V TRUTH TABLE ABNORMAL CONDITIONS DETECTED LOAD INPUT SUPPLY LOAD OUTPUT STATUS DESCRIPTION UV OV LC SC OT L X X X X X OFF H off H 0 0 X 0 0 ON H on & normal (LC not detected!) H 1 0 X X X OFF H supply undervoltage lockout H 0 1 X 0 0 OFF H supply overvoltage shutdown H 0 0 0 1 0 ON L SC detected (without trip) H 0 0 X X 1 OFF L OT shutdown KEY TO ABBREVIATIONS L logic low UV undervoltage H logic high OV overvoltage X don’t care LC low current or open circuit load 0 condition not present SC short circuit 1 condition present OT overtemperature 1 Undervoltage sensor causes the device to switch off and reset. 2 Overvoltage sensor causes the device to switch off to protect its load. October 2001 5 Rev 1.000 |