| Moteur de recherche de fiches techniques de composants électroniques |
|
DE-LN08-RJ Fiches technique(PDF) 1 Page - Moxa Inc. |
|
|
|||||||||||||||||||||||||||||
DE-LN08-RJ Fiches technique(HTML) 1 Page - Moxa Inc. |
|
1 / 3 page ![]() www.moxa.com 1 DA-720-Ethernet Series Expansion Modules Expansion modules with PRP/HSR ports and Giga LAN Features and Benefits • PRP/HSR module • 4-port Gigabit LAN module • 8-port Giga LAN module Introduction DA-720-Ethernet peripheral expansion modules include a 4-port Giga LAN module, an 8-port Giga LAN module, and a PRP/HSR module for setting up industrial communication applications with Ethernet-based devices. All modules are designed to offer the greatest flexibility for setting up applications and performing industrial tasks. The PRP-HSR expansion module is compliant with IEC 62439-3 Clause 4 (PRP) and IEC 62439-3 Clause 5 (HSR) to ensure the highest system availability and data integrity for mission-critical applications that require redundancy and zero-time recovery. With dual Gigabit Ethernet port design, the DA-PRP-HSR module provides high performance for redundant network systems. Moxa’s DA-720 Series industrial computer with the DA-PRP-HSR module installed is the ideal solution for power substation automation and process automation systems. |
Numéro de pièce similaire - DE-LN08-RJ |
|
Description similaire - DE-LN08-RJ |