| Moteur de recherche de fiches techniques de composants électroniques |
|
TIP147 Fiches technique(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
TIP147 Fiches technique(HTML) 5 Page - ON Semiconductor |
|
5 / 6 page ![]() TIP140 TIP141 TIP142 TIP145 TIP146 TIP147 5 Motorola Bipolar Power Transistor Device Data PACKAGE DIMENSIONS CASE 340D–02 ISSUE B NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. A D V G K S L U B Q E C J H DIM MIN MAX MIN MAX INCHES MILLIMETERS A ––– 20.35 ––– 0.801 B 14.70 15.20 0.579 0.598 C 4.70 4.90 0.185 0.193 D 1.10 1.30 0.043 0.051 E 1.17 1.37 0.046 0.054 G 5.40 5.55 0.213 0.219 H 2.00 3.00 0.079 0.118 J 0.50 0.78 0.020 0.031 K 31.00 REF 1.220 REF L ––– 16.20 ––– 0.638 Q 4.00 4.10 0.158 0.161 S 17.80 18.20 0.701 0.717 U 4.00 REF 0.157 REF V 1.75 REF 0.069 12 3 4 STYLE 1: PIN 1. BASE 2. COLLECTOR 3. EMITTER 4. COLLECTOR |