| Moteur de recherche de fiches techniques de composants électroniques |
|
PR5021 Fiches technique(PDF) 1 Page - PREMA Semiconductor. |
|
|
|||||||||||||||||||||||||||||
PR5021 Fiches technique(HTML) 1 Page - PREMA Semiconductor. |
|
1 / 8 page ![]() Photodiode PR5020/21 3 compact Silicon Junctions on a single Die PR5020 and PR5021 are triple silicon photodiodes with three separate cathodes and one common anode. Therefore, the three segments allow to resolve two transitions. With a wider and thinner photodiode in the center of the die, the PR5020 and the PR5021 are symmetrically designed. Both types offer a low dark current combined with a high sensitivity. The dies are moulded into a small plastic leadless optical DFN package. FEATURES • 3 photodiodes for higher variability • low dark current • varied spectral sensitivities • anti-reflective coating (ARC) TYPICAL APPLICATIONS • LASER beam alignment • position detection • ambient light detection PR5020 PR5021 CIRCUIT SPECTRAL SENSITIVITY © PREMA Semiconductor GmbH 2018 I rev. 5119 Page 1/8 |
Numéro de pièce similaire - PR5021 |
|
Description similaire - PR5021 |