| Moteur de recherche de fiches techniques de composants électroniques |
|
TESTO608 Fiches technique(PDF) 1 Page - Testo SE & Co. KGaA |
|
|
|||||||||||||||||||||||||||||
TESTO608 Fiches technique(HTML) 1 Page - Testo SE & Co. KGaA |
|
1 / 2 page ![]() Continuous display of temperature, humidity and dewpoint Max. and min. value display Battery monitor Additional advantages testo 608-H2: LED alarm reports limit value violations High accuracy ±2 %RH Thermal hygrometer testo 608 – Continuous indoor climate monitoring %RH °C °C td The low-budget hygrometer testo 608-H1 continuously measures humidity, temperature and dewpoint. The large display is easily legible even at a distance, the suspension and standing fixtures allow flexible positioning on a table or the wall. testo 608 has a max./min. value display and a battery monitor. Thanks to the long-term stable sensor, you can rely on correct measurement results even after years. testo 608-H2, the precise alarm hygrometer, reliably reports humidity and temperature limit value violations, e.g. in garden centres, storerooms, cleanrooms, museums, laboratories etc. www.testo.com We measure it. testo-608-P01 15.08.2012 09:35 Seite 1 |
Numéro de pièce similaire - TESTO608 |
|
Description similaire - TESTO608 |