Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS213 Fiches technique(PDF) 7 Page - Neotec Semiconductor Ltd.

No de pièce CS213
Description  Protection IC for 1-Cell Battery Pack
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEOTEC [Neotec Semiconductor Ltd.]
Site Internet  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

CS213 Fiches technique(HTML) 7 Page - Neotec Semiconductor Ltd.

Back Button CS213 Datasheet HTML 3Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 4Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 5Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 6Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 7Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 8Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 9Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 10Page - Neotec Semiconductor Ltd. CS213 Datasheet HTML 11Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CS213
Neotec Semiconductor Ltd.
7/13
CS213DS V1.5 2014/07/18
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Operation
The CS213 provides over-charge, over-discharge, discharge over-current and load short-circuiting protections
for the 1-cell battery pack. CS213 continuously monitors the voltage of battery between VDD pin and VSS pin to
control over-charge and over-discharge protections. When the battery pack is in discharging stage, the current
flows from battery to the load through EB+ and EB-; the voltage between V- pin and VSS pin is positive. The
CS213 also monitors the voltage which is determined by the current of discharge and the series Rds(on) of
MOSFETs between V- pin and VSS pin to detect discharge over-current current conditions.
(1) Normal Condition (Operation mode)
The CS213 turns both the charging and discharging control MOSFETs on when the voltage of battery is in
the range from over-charge detection voltage (VDET1) to over-discharge detection voltage (VDET2), and the VM
pin voltage is discharge over-current detection voltage (VDET3). This is called the normal condition that
charging and discharging can be carried out freely.
Caution: The CS213 may be needed connecting a charger to return to normal condition, when the battery is
connected for the first time.
(2) Over-charge Condition
1) Over-charge Protection
When the VDD voltage is higher than the over-charge detection voltage (VDET1) and lasts for longer than
the over-charge detection delay time (tVDET1), CS213 turns off the external charging MOSFET to protect
the pack from being over-charged, which CO pin turns to “L” from “H” level.
2) Over-charge Protection Release
When the battery voltage is lower than VREL1 and and charger is connected, CS213 would release this
condition.
When the battery voltage is lower than VDET1 and charger is removed, CS213 can be released from this
condition.
(3) Over-discharge Condition
1) Over-discharge Protection:
When the VDD voltage is lower than the over-discharge detection voltage (VDET2) and lasts longer than
over-discharge detection delay time (tVDET2), CS213 turns off the external discharge MOSFET to protect
the pack from being over-discharged, which DO pin turns to “L” from “H” level.
2) Over-discharge Protection Release:
The over-discharge protection is released when the battery voltage is higher than the over-discharge
release voltage (VREL2).
(4) Discharge Over-current Condition
1) Discharge Over-current Protection:
The CS213 provides discharge over-current protection and load short-circuiting protection:
(a) Discharge over-current protection occurs when V- pin voltage between VDET3 and VSHORT and lasts
for a certain delay time (tVDET3) or longer.
(b) Load short-circuiting protection occurs when V- pin voltage is higher than VSHORT and lasts for a
certain delay time (tSHORT) or longer.
When above conditions happen, the DO pin goes “L” from ”H” to turn off the discharging MOSFET.
2) Discharge Over-current and Load Short-Circuiting Protection Release:
When the V- pin voltage equals to VSHORT or lower, discharge over-current status returns to normal mode
by remove external load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com