Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSR Fiches technique(PDF) 123 Page - STMicroelectronics

No de pièce LSM6DSR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSR Fiches technique(HTML) 123 Page - STMicroelectronics

Back Button LSM6DSR Datasheet HTML 119Page - STMicroelectronics LSM6DSR Datasheet HTML 120Page - STMicroelectronics LSM6DSR Datasheet HTML 121Page - STMicroelectronics LSM6DSR Datasheet HTML 122Page - STMicroelectronics LSM6DSR Datasheet HTML 123Page - STMicroelectronics LSM6DSR Datasheet HTML 124Page - STMicroelectronics LSM6DSR Datasheet HTML 125Page - STMicroelectronics LSM6DSR Datasheet HTML 126Page - STMicroelectronics LSM6DSR Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 168 page
background image
13.1.4
MAG_OFFZ_L (C4h) and MAG_OFFZ_H (C5h)
Offset for Z-axis hard-iron compensation register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 280. MAG_OFFZ_L register
MAG_
OFFZ_7
MAG_
OFFZ_6
MAG_
OFFZ_5
MAG_
OFFZ_4
MAG_
OFFZ_3
MAG_
OFFZ_2
MAG_
OFFZ_1
MAG_
OFFZ_0
Table 281. MAG_OFFZ_L register description
MAG_OFFZ_[7:0]
Offset for Z-axis hard-iron compensation (LSbyte). Default value: 00000000
Table 282. MAG_OFFZ_H register
MAG_
OFFZ_15
MAG_
OFFZ_14
MAG_
OFFZ_13
MAG_
OFFZ_12
MAG_
OFFZ_11
MAG_
OFFZ_10
MAG_
OFFZ_9
MAG_
OFFZ_8
Table 283. MAG_OFFZ_H register description
MAG_OFFZ_[15:8]
Offset for Z-axis hard-iron compensation (MSbyte). Default value: 00000000
13.1.5
MAG_SI_XX_L (C6h) and MAG_SI_XX_H (C7h)
Soft-iron (3x3 symmetric) matrix correction register (r/w).
The value is expressed as half-precision floating-point format: SEEEEEFFFFFFFFFF
(S: 1 sign bit; E: 5 exponent bits; F: 10 fraction bits).
Table 284. MAG_SI_XX_L register
MAG_SI_
XX_7
MAG_SI_
XX_6
MAG_SI_
XX_5
MAG_SI_
XX_4
MAG_SI_
XX_3
MAG_SI_
XX_2
MAG_SI_
XX_1
MAG_SI_
XX_0
Table 285. MAG_SI_XX_L register description
MAG_SI_XX_[7:0]
Soft-iron correction row1 col1 coefficient (LSbyte). Default value: 00000000
Table 286. MAG_SI_XX_H register
MAG_SI_
XX_15
MAG_SI_
XX_14
MAG_SI_
XX_13
MAG_SI_
XX_12
MAG_SI_
XX_11
MAG_SI_
XX_10
MAG_SI_
XX_9
MAG_SI_
XX_8
Table 287. MAG_SI_XX_H register description
MAG_SI_XX_[15:8]
Soft-iron correction row1 col1 coefficient (MSbyte). Default value: 00111100
LSM6DSR
Page 0 - Embedded advanced features registers
DS11976 - Rev 2
page 123/168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More