| Moteur de recherche de fiches techniques de composants électroniques |
|
LSM6DSR Fiches technique(PDF) 98 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSR Fiches technique(HTML) 98 Page - STMicroelectronics |
|
98 / 168 page ![]() 11.10 EMB_FUNC_INT2 (0Eh) INT2 pin control register (r/w). Each bit in this register enables a signal to be carried over INT2. The pin's output will supply the OR combination of the selected signals. Table 196. EMB_FUNC_INT2 register INT2_ FSM_LC 0(1) INT2_ SIG_MOT INT2_TILT INT2_STEP_ DETECTOR 0(1) 0(1) 0(1) 1. This bit must be set to '0' for the correct operation of the device. Table 197. EMB_FUNC_INT2 register description INT2_FSM_LC(1) Routing of FSM long counter timeout interrupt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_SIG_MOT(1) Routing of significant motion event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_TILT(1) Routing of tilt event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) INT2_STEP_DETECTOR(1) Routing of pedometer step recognition event on INT2. Default value: 0 (0: routing on INT2 disabled; 1: routing on INT2 enabled) 1. This bit is effective if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSR EMB_FUNC_INT2 (0Eh) DS11976 - Rev 2 page 98/168 |