| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF8564A Fiches technique(PDF) 39 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8564A Fiches technique(HTML) 39 Page - NXP Semiconductors |
|
39 / 59 page ![]() PCA85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 4 — 30 March 2018 39 of 59 NXP Semiconductors PCA85063A Automotive Real-Time Clock/calendar with alarm function and I2C-bus CL(itg) = 7 pF; CLKOUT disabled. (1) VDD =5.5 V. (2) VDD =3.3 V. CL(itg) = 12.5 pF; CLKOUT disabled. (1) VDD =5.5 V. (2) VDD =3.3 V. Fig 24. Typical IDD as a function of temperature |