| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF85063TP Fiches technique(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85063TP Fiches technique(HTML) 49 Page - NXP Semiconductors |
|
49 / 59 page ![]() PCA85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 4 — 30 March 2018 49 of 59 NXP Semiconductors PCA85063A Automotive Real-Time Clock/calendar with alarm function and I2C-bus For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. 20. Footprint information MSL: Moisture Sensitivity Level Fig 31. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature Fig 32. Footprint information for reflow soldering of SOT505-1 (TSSOP8) of PCA85063ATT |