Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

USB2232 Fiches technique(PDF) 10 Page - SMSC Corporation

No de pièce USB2232
Description  5th GENERATION HI-SPEED USB FLASH MEDIA AND CIR CONTROLLER WITH INTEGRATED CARD POWER FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SMSC [SMSC Corporation]
Site Internet  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2232 Fiches technique(HTML) 10 Page - SMSC Corporation

Back Button USB2232 Datasheet HTML 6Page - SMSC Corporation USB2232 Datasheet HTML 7Page - SMSC Corporation USB2232 Datasheet HTML 8Page - SMSC Corporation USB2232 Datasheet HTML 9Page - SMSC Corporation USB2232 Datasheet HTML 10Page - SMSC Corporation USB2232 Datasheet HTML 11Page - SMSC Corporation USB2232 Datasheet HTML 12Page - SMSC Corporation USB2232 Datasheet HTML 13Page - SMSC Corporation USB2232 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
5th Generation Hi-Speed USB Flash Media and CIR Controller with Integrated Card Power FETs
Datasheet
Revision 1.3 (07-12-05)
10
SMSC USB2231/USB2232
DATASHEET
9
MD4
8
41
CF_D9
8
73
SM_ALE
8
105
GPIO9
8
10
MD5
8
42
GPIO8/
CRD_PWR0
8
74
SM_nWP
8
106
VDD18
-
11
MD6
8
43
VDD33
-
75
SM_CLE
8
107
GPIO7
8
12
MD7
8
44
GPIO11/
CRD_PWR2
8
76
SM_nWPS
-
108
VDD33
-
13
nMRD
8
45
CF_D10
8
77
SM_nB/R
-
109
GPIO6/
ROMEN/
MA16
8
14
nMWR
8
46
CF_D11
8
78
SM_nCD
-
110
GPIO5
8
15
VSS
-
47
VSS
-
79
GPIO10/
CRD_PWR1
8111
GPIO4
8
16
VSS
-
48
CF_D12
8
80
VDD33
-
112
VSS
-
17
nMCE
8
49
VDD18
-
81
SM_nRE
8
113
nRESET
8
18
MS_INS
-
50
CF_D13
8
82
SM_nWE
8
114
GPIO2
8
19
MS_D0/
MS_SDIO
8
51CF_D148
83
SM_nCE
8
115
GPIO1
-
20
MS_D1
8
52
CF_D15
8
84
VSS
-
116
MA0/
CLK_SEL0
8
21
MS_D2
8
53
CF_nCD1
-
85
VSS
-
117
MA1/
CLK_SEL1
8
22
MS_D3
8
54
CF_nCD2
-
86
VSSA
-
118
MA2/
SEL_
CLKDRV
8
23
MS_
SCLK
8
55
CF_IRQ
8
87
USBDM
-
119
MA3/
TX_POL
8
24
MS_BS
8
56
CF_IORDY
8
88
USBDP
-
120
MA4
8
25
SD_nWP
-
57
CF_nIOR
8
89
VDDA33
-
121
MA5
8
26
SD_DAT0
8
58
CF_nIOW
8
90
NC
8
122
MA6
8
27
SD_DAT1
8
59
CF_nRESET
8
91
IR_RXD
8
123
MA7
8
28
SD_DAT2
8
60
CF_nCS0
8
92
NC
8
124
MA8
8
29
SD_DAT3
8
61
CF_nCS1
8
93
GPIO12
8
125
MA9
8
30
SD_CMD
8
62
CF_SA0
8
94
GPIO3
8
126
MA10
8
31
SD_CLK
-
63
CF_SA1
8
95
nTEST1
-
127
MA11
8
32
CF_D0
8
64
CF_SA2
-
96
nTEST0
-
128
MA12
8
Table 3.2 USB2231/USB2232 128-Pin TQFP (continued)
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA
PIN
#
NAME
MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26