| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC2802 Fiches technique(PDF) 24 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC2802 Fiches technique(HTML) 24 Page - Analog Devices |
|
24 / 32 page ![]() LTC2873 24 REV B For more information www.analog.com TYPICAL APPLICATIONS Supply Connections and External Components Necessary for Operation Are Not Shown. H = Logic High; L = Logic Low, X = Don’t Care (Logic High or Logic Low) Figure 25. RS485 Configurations 2873 F25 LTC2873 RS485 TX + RX + TERM A/DO B/RI DI RO H H H L L L LTC2873 RS485 TX + TERM A/DO B/RI DI RO H H H H L L LTC2873 RS485 RX + TERM A/DO B/RI DI RO H H L L L L LTC2873 RS485 TX + RX A/DO B/RI DI RO H H H L H L LTC2873 RS485 TX A/DO B/RI DI RO H H H H H L LTC2873 RS485 RX A/DO B/RI DI RO H H L L H L 120Ω 120Ω 120Ω Figure 24. RS232 Configurations 2873 F24 5k LTC2873 RS232 SLOW A/DO B/RI DI RO H L L X X L 5k LTC2873 RS232 FAST A/DO B/RI DI RO H L H X X L 5k LTC2873 RS232 + LOOPBACK A/DO B/RI DI RO H L X X X H |