| Moteur de recherche de fiches techniques de composants électroniques |
|
RF-310 Fiches technique(PDF) 1 Page - promoco-motors.com |
|
|
|||||||||||||||||||||||||||||
RF-310 Fiches technique(HTML) 1 Page - promoco-motors.com |
|
|
1 / 1 page ![]() DC Motor The specifications are believed to be accurate and reliable. However, the suitability has to be determined for a specific application. Specifications are subject to change without notice. RF-310 Series General Specifications Ø20 mm 2.5/12 VDC 1.0 mNm Customized solutions on request. Electrical Specifications Model Voltage No-load Current No- load Speed Rated Current Rated Speed Rated Torque Starting Torque Starting Current VDC A rpm A rpm mNm mNm A RF-310TA-11400 2.5 0.017 2800 0.061 2190 0.3 1.5 0.22 RK-310CH-08910 12 0.02 5300 0.07 4200 1.0 5.2 Mechanical Dimensions |
Numéro de pièce similaire - RF-310 |
|
Description similaire - RF-310 |