Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE2G4SFPI80-R Fiches technique(PDF) 2 Page - Silicom Ltd.

No de pièce PE2G4SFPI80-R
Description  Quad Port SFP Gigabit Ethernet PCI Express Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4SFPI80-R Fiches technique(HTML) 2 Page - Silicom Ltd.

  PE2G4SFPI80-R Datasheet HTML 1Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 2Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 3Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 4Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 5Page - Silicom Ltd. PE2G4SFPI80-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
SFP Gigabit Ethernet:
Gigabit Ethernet Adapters with SFP cage support:
1000Base-LX Fiber Gigabit Ethernet with 1000Base-LX SFP transceiver.
1000Base-SX Fiber Gigabit Ethernet with 1000Base-SX SFP transceiver.
SFP (1000Mb/s) Copper Gigabit Ethernet with SFP SFP transceiver.
Small Form Factor Pluggable (SFP) Cage for SFP LC connectors
2PortLink synchronization
Optional SGMII mode (future support)
Common Key Features:
Support PCI Express Base Specification 2.0 (5 GTs)
High performance, reliability, and low power use in Intel 82580 Quad integrated MAC + PHY and SERDES chip Controllers
Ultra deep, packet buffer per channel lowers CPU utilization.
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features:
Link Aggregation and Load Balancing
o
Switch dependent: 802.3 ad (LACP), Generic Trunking (GEC/FEC)
o
Switch and NIC Independent
o
Failover
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging.
Jumbo Frame (9.5KB).
802.x flow control.
Multicast/ broadcast Packet replication
Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30)
Supports Vital Product Data (VPD)
LEDs indicators for link/Activity/Speed status
Technical Specifications
SFP Gigabit Ethernet Technical Specifications
– (SFP) Adapters:
SFP (Small Form Factor
Pluggable) supports:
1Gb SERDES interfaces supports 1000Base-X in order to connect with SFP to 1000Base-SX /
1000Base-LX / 1000Base-T SFP transceivers



Html Pages

1 2 3 4 5 6