| Moteur de recherche de fiches techniques de composants électroniques |
|
PE2G6I35-R Fiches technique(PDF) 1 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G6I35-R Fiches technique(HTML) 1 Page - Silicom Ltd. |
|
1 / 5 page ![]() Silicom Ltd. Connectivity Solutions Page 1 PE2G6I35 Six Port Copper Gigabit Ethernet PCI Express Server Adapter Intel® i350AM2 Based Product Description Silicom’s Six Port Copper Gigabit Ethernet PCI Express Server adapter is PCI-Express X8 network interface card that contains six Gigabit Copper ports on a PCI-Express adapter. Silicom’s Six Port Copper Gigabit Ethernet Card is the ideal solution for implementing multiple network segments, mission-critical high- powered networking applications and environments within high performance servers. Silicom’s Six Port Copper Gigabit Ethernet PCI Express Server adapter is based on Intel i350AM4 Quad port Gigabit Ethernet MAC+PHY and Intel i350AM2 Dual port Gigabit Ethernet MAC+PHY of Intel Controller. The Silicom i350 support PCI-SIG Single- Root I/O virtualization and sharing specification (SR-IOV). Key Features Performance Features: 8 Transmit and 8 Receive queues per port Up to 32 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems Support PCI-SIG Single-Root I/O virtualization Rev 1.1. Support for up to 8 virtual function ( VFs) Partial replication of PCI Configuration space Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port. Support Direct Cache Access (DCA). Support Intel I/O Acceleration Technology v3.0. TSO interleaving for reduced latency Minimized device I/O interrupts using MSI and MSI-X UDP, TCP and IP checksum offload UDP and TCP transmit segmentation offload (TSO). machine |
Numéro de pièce similaire - PE2G6I35-R |
|
Description similaire - PE2G6I35-R |