Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PE2G4BPI80-SD-R Fiches technique(PDF) 5 Page - Silicom Ltd.

No de pièce PE2G4BPI80-SD-R
Description  Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SILICOM [Silicom Ltd.]
Site Internet  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE2G4BPI80-SD-R Fiches technique(HTML) 5 Page - Silicom Ltd.

  PE2G4BPI80-SD-R Datasheet HTML 1Page - Silicom Ltd. PE2G4BPI80-SD-R Datasheet HTML 2Page - Silicom Ltd. PE2G4BPI80-SD-R Datasheet HTML 3Page - Silicom Ltd. PE2G4BPI80-SD-R Datasheet HTML 4Page - Silicom Ltd. PE2G4BPI80-SD-R Datasheet HTML 5Page - Silicom Ltd. PE2G4BPI80-SD-R Datasheet HTML 6Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Turns on link (Green),
Blinks on activity (Green)
Bypass LED: Turns on bypass (Green),
Disconnect LED: Turns on disconnect (Green)
LEDs location:
LEDs are located on the PCB, visible via holes in the metal bracket holder
Connectors:
(1) Shielded Quad RJ-45
Functional Description
Silicom’s Quad Port Bypass adapter supports Normal, Bypass and Disconnect modes. In Normal mode, the ports are independent
interfaces (see Figure 1: Normal mode, one Bypass pair is illustrated).
Figure 1: Normal Mode Functional Block Diagram
In Bypass mode, the connections of the Ethernet network ports are disconnected from the interfaces and switched over to the other
port to create a crossed connection loop-back between the Ethernet ports. The connections of the interfaces are left unconnected.
(See Figure 2: one Bypass pair illustrated)
Figure 2: Bypass Mode Functional Block Diagram



Html Pages

1 2 3 4 5 6