| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS122N Fiches technique(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
SN74LS122N Fiches technique(HTML) 7 Page - ON Semiconductor |
|
7 / 12 page ![]() SN74LS122 SN74LS123 http://onsemi.com 7 Figure 5. K versus VCC Figure 6. K versus VRC Figure 7. K versus VCC and VRC VCC VCC = 5 V Cext = 1000 pF VRC Cext = 1000 pF 0.55 0.5 K 0.45 0.4 0.35 4.5 5 5.5 VCC = VRC 125 °C 70 °C 25 °C 0 °C –55 °C VRC = 5 V Cext = 1000 pF 125 °C 70 °C 0 °C –55 °C 125 °C 25 °C 0 °C –55 °C 70 °C 25 °C 100000 10000 1000 100 10 1 10 100 1000 Cext, EXTERNAL TIMING CAPACITANCE (pF) Rext = 80 kΩ Rext = 40 kΩ Rext = 20 kΩ Rext = 10 kΩ Rext = 5 kΩ Rext = 260 kΩ Rext = 160 kΩ 4.5 5 5.5 4.5 5 5.5 0.55 0.5 K 0.45 0.4 0.35 0.55 0.5 K 0.45 0.4 0.35 Figure 8. |