Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC1240ECH Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TC1240ECH
Description  Positive Doubling Charge Pumps with Shutdown in a SOT-23 Package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1240ECH Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TC1240ECH Datasheet HTML 7Page - Microchip Technology TC1240ECH Datasheet HTML 8Page - Microchip Technology TC1240ECH Datasheet HTML 9Page - Microchip Technology TC1240ECH Datasheet HTML 10Page - Microchip Technology TC1240ECH Datasheet HTML 11Page - Microchip Technology TC1240ECH Datasheet HTML 12Page - Microchip Technology TC1240ECH Datasheet HTML 13Page - Microchip Technology TC1240ECH Datasheet HTML 14Page - Microchip Technology TC1240ECH Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
 2003 Microchip Technology Inc.
DS21516C-page 11
TC1240/TC1240A
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Device
Code
TC1240
DN
TC1240A
EN
6
6-Pin SOT-23A
13
4
2
5
13
24
1
&
= part number code + temperature range
2
(two-digit code)
ex: 1240AECH = E N
3
represents year and 2-month code
4
represents production lot ID code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16