Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AVRF06 Fiches technique(PDF) 8 Page - TDK Electronics

No de pièce AVRF06
Description  ESD Notch Filters For wireless audio equipment
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

AVRF06 Fiches technique(HTML) 8 Page - TDK Electronics

Back Button AVRF06 Datasheet HTML 2Page - TDK Electronics AVRF06 Datasheet HTML 3Page - TDK Electronics AVRF06 Datasheet HTML 4Page - TDK Electronics AVRF06 Datasheet HTML 5Page - TDK Electronics AVRF06 Datasheet HTML 6Page - TDK Electronics AVRF06 Datasheet HTML 7Page - TDK Electronics AVRF06 Datasheet HTML 8Page - TDK Electronics AVRF06 Datasheet HTML 9Page - TDK Electronics AVRF06 Datasheet HTML 10Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200528
(8/10)
notch-filter_commercial_avrf_en.fm
EMC Components
AVRF series
Attention after implementation
Cleaning
(1) If cleaning liquid is inappropriate, residues and other foreign
body of fluxes builds up on products, and can degrade the perfor-
mance of products (particularly the insulation resistance).
(2) Wash conditions may compromise performance of products if
they are improper (wash due, wash excess).
2-1) For wash due
(a) By substance of a system in flux residue halide, metal including
terminal electrodes may experience corrosion.
(b) Substance of a system in flux residue halide builds up on prod-
ucts, and reduces the insulation resistance.
(c) Soluble flux makes comparisons of colophony series flux, and
there is event with trends of significant (1) and(2).
2-2) For excess wash
(1) Owing to lavage, products deteriorates, and reduces perfor-
mance of products.
(2) In ultrasonography, when output is passed, substrate resonates
size, and crack occurs in body and sprang of products in vibra-
tion of substrate. Since this may reduce the strength of the termi-
nal electrode, please note the following conditions. [Please review
the italicized portion, as I am unsure what you mean to convey
here.]
Ultrasound output
Ultrasonic frequency
Ultrasound cleaning time
2-3) Concentration including halogen that when cleaning liquid to
pollution, when you released is higher, and may cause similar of
results into wash due.
Substrate handling after component mounting
(1) When substrate is divided, a flexible so that show in following dia-
gram to substrate, and is given by stress including twist, as there is
possibility that crack occurs of products, please check that stress is
within acceptable limits.
(2) During each substrate operational check, push pressure with
contact failure of check pin of boards checkers of check pin may be
toned up to be prevented. As substrate is bent under loading, prod-
ucts is broken owing to stress. There is also the possibility that sol-
der on the terminal electrode will peel off. Follow the diagram for
reference, and check that the substrate bends, please.
Single-part component handling
To drop impact, as there is possibility that breakage and crack is
entered, do not products that(1) products falls.
(2) At stacking storage after implementation and treatment of sub-
strate, corner of boards is regarded as products. Please be careful,
as there is the possibility that breakage and cracks will occur on
impact.
Bends
Twist
Item
Cases to avoid
Recommended case
Substrate sags
Peeling
Check pin
Check pin
Support pin
Floor
Crack
Board
Crack



Html Pages

1 2 3 4 5 6 7 8 9 10