Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ACT164SCX Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce 74ACT164SCX
Description  Serial-In, Parallel-Out Shift Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ACT164SCX Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  74ACT164SCX Datasheet HTML 1Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 2Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 3Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 4Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 5Page - National Semiconductor (TI) 74ACT164SCX Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering Information
The device number is used to form part of a simplified purchasing code where the package type and temperature range are
defined as follows
74ACT
164
S
C
X
Temperature Range Family
Special Variations
74ACT e Commercial TTL-Compatible
X e Devices Shipped in 13 reels
Device Type
Temperature Range
C e Commercial (b40 Cto a85 C)
Package Code
S e Small Outline Package (SOIC)
5



Html Pages

1 2 3 4 5 6