| Moteur de recherche de fiches techniques de composants électroniques |
|
PE2G4BPFI80-SD-R Fiches technique(PDF) 7 Page - Silicom Ltd. |
|
|
|||||||||||||||||||||||||||||
PE2G4BPFI80-SD-R Fiches technique(HTML) 7 Page - Silicom Ltd. |
|
7 / 8 page ![]() Silicom Ltd. Connectivity Solutions Page 7 Figure 1: Normal Mode Functional Block Diagram In Bypass mode, the connections of the Ethernet network ports are Disconnected from the interfaces and switched over to the other port to create a crossed connection loop-back between the Ethernet ports. The connections of the interfaces are left not connected. (See Figure 2: one Bypass pair illustrated) Figure 2: Bypass Mode Functional Block Diagram In Disconnect mode, the transmit connections of the Ethernet network ports are Disconnected from the interfaces. (See Figure 3: one Bypass pair illustrated) Figure 3: Disconnect Mode Functional Block Diagram Silicom’s Quad Port Fiber Gigabit Ethernet Bypass server adapter supports software programmable to select Normal, Bypass or Disconnect modes. usa.com - licom ww.si w |