| Moteur de recherche de fiches techniques de composants électroniques |
|
CSC1213B Fiches technique(PDF) 1 Page - Continental Device India Limited |
|
|
|||||||||||||||||||||||||||||
CSC1213B Fiches technique(HTML) 1 Page - Continental Device India Limited |
|
1 / 3 page ![]() NPN SILICON EPITAXIAL TRANSISTORS CSC1213 CSC1213A TO-92 Plastic Package Low Frequency Amplifier. ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise) DESCRIPTION SYMBOL CSC1213 CSC1213A UNIT Collector Emitter Voltage VCEO 35 50 V Collector Base Voltage VCBO 35 50 V Emitter Base Voltage VEBO 4.0 6 V Collector Current IC 500 mA Collector Power Dissipation PC 400 mW Operating And Storage Junction Tj, Tstg -55 to +150 ºC Temperature Range ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise) DESCRIPTION SYMBOL MIN TYP MAX UNIT Collector Base Voltage VCBO IC=10µA,IE=0 CSC1213 35 V CSC1213A 50 V Collector Emitter Voltage VCEO IC=1mA,IB=0 CSC1213 35 V CSC1213A 50 V Emitter Base Voltage VEBO IE=10µA, IC=0 4.0 V Collector Cut off Current ICBO VCB=20V, IE = 0 500 nA DC Current Gain hFE*VCE=3V,IC=10mA 60 320 hFE** VCE=3V,IC=500mA 10 Collector Emitter Saturation VCE(sat)* * IC=150mA,IB=15mA 0.6 V Voltage Base Emitter on Voltage VBE (on) IC=10mA, VCE=3V 0.64 V * hFE CLASSIFICATION B C D CSC1213 & CSC1213A 60-120 100-200 160-320 ** Pulse Test Continental Device India Limited Data Sheet Page 1 of 3 Continental Device India Limited An ISO/TS16949 and ISO 9001 Certified Company |
Numéro de pièce similaire - CSC1213B |
|
Description similaire - CSC1213B |