Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSC1213 Fiches technique(PDF) 1 Page - Continental Device India Limited

No de pièce CSC1213
Description  Low Frequency Amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSC1213 Fiches technique(HTML) 1 Page - Continental Device India Limited

  CSC1213 Datasheet HTML 1Page - Continental Device India Limited CSC1213 Datasheet HTML 2Page - Continental Device India Limited CSC1213 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTORS
CSC1213
CSC1213A
TO-92
Plastic Package
Low Frequency Amplifier.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
CSC1213
CSC1213A
UNIT
Collector Emitter Voltage
VCEO
35
50
V
Collector Base Voltage
VCBO
35
50
V
Emitter Base Voltage
VEBO
4.0
6
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
400
mW
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
TYP
MAX
UNIT
Collector Base Voltage
VCBO
IC=10µA,IE=0
CSC1213
35
V
CSC1213A
50
V
Collector Emitter Voltage
VCEO
IC=1mA,IB=0
CSC1213
35
V
CSC1213A
50
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
4.0
V
Collector Cut off Current
ICBO
VCB=20V, IE = 0
500
nA
DC Current Gain
hFE*VCE=3V,IC=10mA
60
320
hFE**
VCE=3V,IC=500mA
10
Collector Emitter Saturation
VCE(sat)* * IC=150mA,IB=15mA
0.6
V
Voltage
Base Emitter on Voltage
VBE (on)
IC=10mA, VCE=3V
0.64
V
* hFE CLASSIFICATION
B
C
D
CSC1213 & CSC1213A
60-120
100-200
160-320
** Pulse Test
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Numéro de pièce similaire - CSC1213

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
CSC12 VISHAY-CSC12 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
CSC12A VISHAY-CSC12A Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
CSC12A VISHAY-CSC12A Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC12A0010R0FEK VISHAY-CSC12A0010R0FEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC12A0010R0FPA VISHAY-CSC12A0010R0FPA Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
More results

Description similaire - CSC1213

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
LOW FREQUENCY AMPLIFIER
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
Low frequency amplifier
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
Low frequency amplifier
logo
Usha India Ltd.
2SA539 USHA-2SA539 Datasheet
81Kb / 2P
LOW FREQUENCY AMPLIFIER
logo
Rohm
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
Low frequency amplifier
2SD2653 ROHM-2SD2653_1 Datasheet
96Kb / 3P
Low frequency amplifier
logo
Littelfuse
2SB1707TL LITTELFUSE-2SB1707TL Datasheet
60Kb / 3P
Low frequency amplifier
logo
Fairchild Semiconductor
KSA812OMTF FAIRCHILD-KSA812OMTF Datasheet
64Kb / 4P
Low Frequency Amplifier
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com