| Moteur de recherche de fiches techniques de composants électroniques |
|
MAS3529F Fiches technique(PDF) 89 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3529F Fiches technique(HTML) 89 Page - Micronas |
|
89 / 92 page ![]() DATA SHEET MAS 35x9F Micronas June 30, 2004; 6251-505-1DS 89 5. Application 5.1. Typical Application in a Portable Player − MMC/SDI-Card or SMC/CF2+ used as storage media − Dashed lines show optional (external) devices Fig. 5–1: Application circuit of the MAS 35x9F. For connections of the DC/DC converters, please refer to Fig. 5–2. MICIN MICBI INL INR TE XTI XTO AGNDC POR VSS XVSS VDD XVDD I2CVDD DVS VSENS1 PCSQ PI19 PI18 PI17 PI16 PI15 PI14 PI13 PI12 SOD SOI SOC SID SII SIC SPDO |