| Moteur de recherche de fiches techniques de composants électroniques |
|
ADSP21486KSWZ3ABRL Fiches technique(PDF) 48 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADSP21486KSWZ3ABRL Fiches technique(HTML) 48 Page - Analog Devices |
|
48 / 71 page ![]() Rev. H | Page 48 of 71 | February 2020 ADSP-21483/ADSP-21486/ADSP-21487/ADSP-21488/ADSP-21489 S/PDIF Receiver The following section describes timing as it relates to the S/PDIF receiver. Internal Digital PLL Mode In the internal digital phase-locked loop mode the internal PLL (digital PLL) generates the 512 × FS clock. Table 48. S/PDIF Receiver Internal Digital PLL Mode Timing Parameter Min Max Unit Switching Characteristics tDFSI Frame Sync Delay After Serial Clock 5 ns tHOFSI Frame Sync Hold After Serial Clock –2 ns tDDTI Transmit Data Delay After Serial Clock 5 ns tHDTI Transmit Data Hold After Serial Clock –2 ns tSCLKIW 1 Transmit Serial Clock Width 8 × tPCLK – 2 ns 1 SCLK frequency is 64 × FS where FS = the frequency of frame sync. Figure 33. S/PDIF Receiver Internal Digital PLL Mode Timing DAI_P20–1 (SCLK) SAMPLE EDGE DAI_P20–1 (FS) DAI_P20–1 (DATA CHANNEL A/B) DRIVE EDGE tSCLKIW tDFSI tHOFSI tDDTI tHDTI |