| Moteur de recherche de fiches techniques de composants électroniques |
|
DSP8-08AS Fiches technique(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
DSP8-08AS Fiches technique(HTML) 2 Page - IXYS Corporation |
|
2 / 3 page ![]() © 2004 IXYS All rights reserved 2 - 3 IXYS reserves the right to change limits, test conditions and dimensions DSP 8 TO-263 AA Outline TO-220 AB Outline Dim. Millimeter Inches Min. Max. Min. Max. A 12.70 13.97 0.500 0.550 B 14.73 16.00 0.580 0.630 C 9.91 10.66 0.390 0.420 D 3.54 4.08 0.139 0.161 E 5.85 6.85 0.230 0.270 F 2.54 3.18 0.100 0.125 G 1.15 1.65 0.045 0.065 H 2.79 5.84 0.110 0.230 J 0.64 1.01 0.025 0.040 K 2.54 BSC 0.100 BSC M 4.32 4.82 0.170 0.190 N 1.14 1.39 0.045 0.055 Q 0.38 0.56 0.015 0.022 R 2.29 2.79 0.090 0.110 Dim. Millimeter Inches Min. Max. Min. Max. A 4.06 4.83 .160 .190 A1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 D 8.64 9.65 .340 .380 D1 7.11 8.13 .280 .320 E 9.65 10.29 .380 .405 E1 6.86 8.13 .270 .320 e 2.54 BSC .100 BSC L 14.61 15.88 .575 .625 L1 2.29 2.79 .090 .110 L2 1.02 1.68 .040 .066 L4 0 0.38 0 .015 R 0.46 0.74 .018 .029 TO-263 AB Outline 1.Gate 2.Collector 3.Emitter 4.Collector Botton Side Dim. Millimeter Inches Min. Max. Min. Max. A 4.06 4.83 .160 .190 A1 2.03 2.79 .080 .110 b 0.51 0.99 .020 .039 b2 1.14 1.40 .045 .055 c 0.46 0.74 .018 .029 c2 1.14 1.40 .045 .055 D 8.64 9.65 .340 .380 D1 8.00 8.89 .315 .350 E 9.65 10.29 .380 .405 E1 6.22 8.13 .245 .320 e 2.54 BSC .100 BSC L 14.61 15.88 .575 .625 L1 2.29 2.79 .090 .110 L2 1.02 1.68 .040 .066 L3 1.27 1.78 .050 .070 L4 0 0.20 0 .008 R 0.46 0.74 .018 .029 |