Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP5600ACPZ-R7 Fiches technique(PDF) 22 Page - Analog Devices

No de pièce ADP5600ACPZ-R7
Description  Interleaved Inverting Charge Pump with Negative LDO Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP5600ACPZ-R7 Fiches technique(HTML) 22 Page - Analog Devices

Back Button ADP5600ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP5600ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
ADP5600
Data Sheet
Rev. 0 | Page 22 of 25
If LDO is the only load of CPOUT and it has not reached its
dropout region then the LDO can be represented by a constant
current source and the effective circuit at the charge pump
output is shown in Figure 62.
Figure 62. Simplified Circuit of the Output
upon Removal of External Clock on SYNC
The effective circuit is similar to a simple discharging of a
capacitor using a current source, ICPOUT. This drop can be
estimated using the following equation:
VSYNCOFF = (ICPOUT × tSYNCOFF)/CCPOUT
where:
VSYNCOFF is the drop from the initial CPOUT voltage.
tSYNCOFF is 189.63 µs (typical).
ICPOUT is the total current being pulled out of the CCPOUT
capacitor.
CCPOUT is the effective capacitance at CPOUT, this includes
tolerance, dc bias effect, and temperature coefficient.
VCPOUT
CCPOUT
+
ICPOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25