Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADP1032ACPZ-5-R7 Fiches technique(PDF) 28 Page - Analog Devices

No de pièce ADP1032ACPZ-5-R7
Description  Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADP1032ACPZ-5-R7 Fiches technique(HTML) 28 Page - Analog Devices

Back Button ADP1032ACPZ-5-R7 Datasheet HTML 24Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 25Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 26Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 27Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 28Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 29Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 30Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 31Page - Analog Devices ADP1032ACPZ-5-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
ADP1032
Data Sheet
Rev. 0 | Page 28 of 37
GPIO Data Channels
The general-purpose data channels are provided as space saving
isolated datapaths where timing is not critical. The dc value of
all low speed general-purpose inputs, on a given side of the device,
are sampled simultaneously, packetized, and shifted across a single
isolation coil. The process is then reversed by reading the inputs
on the opposite side of the device, packetizing the inputs and
sending these inputs back for similar processing. Because of the
sampled nature of this process, the general-purpose data channels
exhibit a sampling uncertainty that resembles 19.5 µs peak jitter.
For proper operation of the GPIO channels, refer to Table 15.
Power both the MVDD pin and SVDD2 pin within the specified
input voltage range for these pins.
Table 15. Truth Table for GPIO Channels
MVDD State
SVDD2 State
xGPIx
MGPOx
SGPOx
Test Conditions/Comments
Unpowered
Powered
Don’t care
Low
Low
During startup
Powered
Unpowered
Don’t care
Low
Low
During startup
Powered
Powered
High
High
High
Normal operation
Powered
Powered
Low
Low
Low
Normal operation
Powered
Powered to Unpowered
Don’t care
Hold1
Low
Powered to Unpowered
Powered
Don’t care
Low
Hold1
1
Hold means that the current state of the outputs are preserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37