| Moteur de recherche de fiches techniques de composants électroniques |
|
ADP1032ACPZ-1-R7 Fiches technique(PDF) 27 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1032ACPZ-1-R7 Fiches technique(HTML) 27 Page - Analog Devices |
|
27 / 37 page ![]() Data Sheet ADP1032 Rev. 0 | Page 27 of 37 SSS SCK, SI, MI MCK, MO, SO HIGH IMPEDANCE ADD A PULL HIGH OR PULL LOW RESISTOR TO HAVE A KNOWN STATE WHEN MSS IS HIGH. LATENCY = MSS FALLING EDGE TO SCK, SI, MI STARTS SENDING DATA (EXIT TO HIGH IMPEDANCE MODE). tPW = MCK, MO, SO PULSE WIDTH. tP1 = MSS TO SSS PROPAGATION DELAY. tP2 = MCK TO SCK, MO TO SI, SO TO MI PROPAGATION DELAY. tP3 = MSS RISING EDGE TO SCK, SI, MI RETURN TO HIGH IMPEDANCE STATE. SAME AS tP1. MSS tP1 tP2 tPW SPI ACTIVATION (LATENCY) SPI TRANSMIT tP3 Figure 70. SPI Isolators Timing Diagram MSS MCK MO MI MSS1 MSS4 MSS3 MSS2 SSS SCK SI SO MCK MO MI TO CHANNEL 5 THROUGH CHANNEL 8 MSS MCK MO MI CHANNEL 2 MSS MCK MO MI CHANNEL 3 MSS MCK MO MI CHANNEL 4 CHANNEL 1 SSS SCK SI SO SSS SCK SI SO SSS SCK SI SO Figure 71. Multichannel SPI Muxing Scheme The MI, SCK, and SI outputs are also tristated when MSS is high (see Table 14) to allow a more flexible design and to avoid the requirement for external multiplexing of MI in a multichannel system. Figure 71 shows how the SPI busses from multiple ADP1032 devices can be connected together. Table 14. SPI MSS Gating Parameter MSS High MSS Low SSS High Low SCK Tristate MCK SI Tristate MO MI Tristate SO Connect a pull-up or pull-down resistor to MI, SCK, and SI to pull these pins to the desired logic state when MSS is high. |