| Moteur de recherche de fiches techniques de composants électroniques |
|
LP5907 Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP5907 Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 47 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Oct-2020 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples LP5907SNX-1.8/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CG LP5907SNX-1.9 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 3Z LP5907SNX-2.2/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 EP LP5907SNX-2.5/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 F9 LP5907SNX-2.7/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CH LP5907SNX-2.75 ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 HI LP5907SNX-2.8/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CI LP5907SNX-2.85/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 CJ LP5907SNX-2.9/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 GV LP5907SNX-3.0/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CK LP5907SNX-3.1/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CL LP5907SNX-3.2/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CM LP5907SNX-3.3/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 CN LP5907SNX-4.0/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 GU LP5907SNX-4.5/NOPB ACTIVE X2SON DQN 4 3000 Green (RoHS & no Sb/Br) NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 CO LP5907UVE-1.2/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 R LP5907UVE-1.8/NOPB ACTIVE DSBGA YKE 4 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 S |