| Moteur de recherche de fiches techniques de composants électroniques |
|
ADAR2001 Fiches technique(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADAR2001 Fiches technique(HTML) 39 Page - Analog Devices |
|
39 / 39 page ![]() Data Sheet ADAR2001 Rev. 0 | Page 39 of 39 OUTLINE DIMENSIONS 6.10 6.00 5.90 TOP VIEW SIDE VIEW BOTTOM VIEW 1 11 21 31 40 0.50 BSC 0.42 BSC 0.175 0.25 0.20 REF 4.00 REF SQ 4.40 BSC SQ 0.30 0.25 SQ 0.20 0.26 0.23 0.20 0.78 0.68 0.58 0.45 REF PIN 1 INDICATOR SEATING PLANE 2.08 BSC SQ PIN 1 INDICATOR AREA FOR PROPER CONNECTION OF THE EXPOSED PAD, REFER TO THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION OF THIS DATA SHEET. Figure 35. 40-Terminal Land Grid Array [LGA] 6 mm × 6 mm Body and 0.75 mm Package Height (CC-40-7) Dimensions shown in millimeters ORDERING GUIDE Model1 Temperature Range Package Description Package Option ADAR2001ACCZ −40°C to +85°C 40-Terminal Land Grid Array [LGA], Tray CC-40-7 ADAR2001ACCZ-R7 −40°C to +85°C 40-Terminal Land Grid Array [LGA], 7” Tape and Reel CC-40-7 ADAR2001-EVALZ Evaluation Board 1 Z = RoHS Compliant part. ©2020 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D20538-8/20(0) |