| Moteur de recherche de fiches techniques de composants électroniques |
|
INA293 Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
INA293 Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-Sep-2020 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples INA293A1QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1UZC INA293A3QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1V2C INA293A4QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1V3C INA293B1QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1V5C INA293B2QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1V6C INA293B3QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1V7C INA293B4QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAUAG Level-1-260C-UNLIM -40 to 125 1V8C INA293B5QDBVRQ1 PREVIEW SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) NIPDAU Level-1-260C-UNLIM -40 to 125 1V9C PINA293A1QDBVRQ1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 PINA293A2QDBVRQ1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 PINA293A3QDBVRQ1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 PINA293A4QDBVRQ1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 PINA293A5QDBVRQ1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. |