Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83TG720SWRHARQ1 Fiches technique(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
No de pièce DP83TG720SWRHARQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHARQ1 Fiches technique(HTML) 74 Page - Texas Instruments

Back Button DP83TG720SWRHARQ1 Datasheet HTML 70Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 71Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 72Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 73Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 74Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 75Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 76Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 77Page - Texas Instruments DP83TG720SWRHARQ1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 199 page
background image
7.6.2.18 LPS_CFG Register (Address = 0x183) [reset = 0x0]
LPS_CFG is shown in Table 7-41.
Return to the Summary Table.
Table 7-41. LPS_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-8
RESERVED
R
8b00000000 Reserved
7
cfg_force_lps_st_en
R/W
1b0
Enable force lps state
6-0
cfg_force_lps_st
R/W
7b0000000
Force lps state
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
www.ti.com
74
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More