Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DP83TG720SWRHATQ1 Fiches technique(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
No de pièce DP83TG720SWRHATQ1
Description  DP83TG720S-Q1 1000BASE-T1 Automotive Ethernet PHY
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DP83TG720SWRHATQ1 Fiches technique(HTML) 65 Page - Texas Instruments

Back Button DP83TG720SWRHATQ1 Datasheet HTML 61Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 62Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 63Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 64Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 65Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 66Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 67Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 68Page - Texas Instruments DP83TG720SWRHATQ1 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 199 page
background image
7.6.2.9 MII_REG_13 Register (Address = 0x13) [reset = 0x0]
MII_REG_13 is shown in Table 7-32.
Return to the Summary Table.
Table 7-32. MII_REG_13 Register Field Descriptions
Bit
Field
Type
Reset
Description
15
under_volt_int
R
1b0
Under volt interrupt status
14
over_volt_int
R
1b0
Over volt interrupt status
13
RESERVED
R
1b0
Reserved
12
RESERVED
R
1b0
Reserved
11
over_temp_int
R
1b0
Over temp interrupt status
10
sleep_int
R
1b0
Sleep mode change interrupt status
9
pol_change_int
R
1b0
Data polarity change interrupt status
8
not_one_hot_int
R
1b0
Not one hot interrupt status
7
under_volt_int_en
R/W
1b0
Under volt interrupt enable
6
over_volt_int_en
R/W
1b0
Over volt interrupt enable
5
unused_int_6
R/W
1b0
Reserved
4
unused_int_5
R/W
1b0
Reserved
3
over_temp_int_en
R/W
1b0
Over temp interrupt enable
2
sleep_int_en
R/W
1b0
Sleep mode change interrupt enable
1
pol_change_int_en
R/W
1b0
Data Polarity change interrupt enable
0
not_one_hot_int_en
R/W
1b0
Not one hot interrupt enable
www.ti.com
DP83TG720S-Q1
SNLS604 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More