Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WPJ558 Fiches technique(PDF) 4 Page - Compex Systems Pte. Lte.

No de pièce WPJ558
Description  Multi-function QCA9558 Embedded Board with on-board Wireless
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COMPEX [Compex Systems Pte. Lte.]
Site Internet  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ558 Fiches technique(HTML) 4 Page - Compex Systems Pte. Lte.

  WPJ558 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ558 Datasheet HTML 6Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
wireless embedded boards
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 08/01/2020 SL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems Pte Ltd.
While every effort is made to ensure the information is accurate, Compex does not accept liability for any errors or mistakes that may arise.
All specifications are subject to change without notice.
Optional Add-on
Type
Functionality
Remark
Power Sourcing Equipment (PSE)
pass-thru module
(P-PSE-M-6A03-SPL)
PoE pass-through - allows the second
Ethernet port to provide PoE to another
device (such as an IP Camera)
WPJ558 Dimensions will increased to
117 x 105 x 20 mm
*Note: When the board operates with the PSE module, please don’t apply Passive PoE power to the Ethernet port close to DC jack, otherwise it will be damaged.
Dimensional Drawing of WPJ558 with PSE Pass-Thru Module



Html Pages

1 2 3 4 5 6