| Moteur de recherche de fiches techniques de composants électroniques |
|
MPF5024AMBA0ES Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MPF5024AMBA0ES Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 93 page ![]() PF5024 Power management integrated circuit (PMIC) for high performance applications Rev. 1 — 15 April 2020 Product data sheet 1 Overview The PF5024 integrates multiple high performance buck regulators. It can operate as a stand-alone point-of-load regulator IC, or as a companion chip to a larger PMIC. Built-in one-time programmable (OTP) memory stores key startup configurations, drastically reducing external components typically used to set output voltage and sequence of regulators. Regulator parameters are adjustable through high-speed I2C after start up offering flexibility for different system states. 2 Features • Four high efficiency buck converters • Watchdog timer/monitor • Monitoring circuit to fit ASIL B safety level • One-time programmable device configuration • 3.4 MHz I2C communication interface • 40-pin QFN package with wettable flank and exposed pad |
Numéro de pièce similaire - MPF5024AMBA0ES |
|
Description similaire - MPF5024AMBA0ES |