| Moteur de recherche de fiches techniques de composants électroniques |
|
MICROSD-H1-SL Fiches technique(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
MICROSD-H1-SL Fiches technique(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 3 page ![]() Industrial microSD H1-SL Overview Apacer Industrial microSD H1-SL series conforming to SD3.0 specification supports speed class up to U3 through UHS-I. The microSD H1-SL 3.0 card built with MLC NAND Flash is capable of delivering better performance by the latest firmware architecture including a powerful built-in Error Correction, Read Retry , Wear- leveling and Bad Block Management algorithms. Furthermore, with Apacer’s SLC-lite technology, it performs with an outstanding number of P/E cycles up to 20,000 , but lower cost than SLC. This product is well suited for portable flash storage applications while operating at minimal power consumption. Feature ‧ Compliant with SD 3.0 Specification ‧ S.M.A.R.T Supported ‧ Support SD Mode and SPI Mode ‧ Wear-leveling and Block Management ‧ Support Class 10 with UHS-I ‧ SLC-Lite Technology ‧ Low Power Consumption ‧ Auto Read Refresh ‧ Power Failure Management |