Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS710-CF Fiches technique(PDF) 2 Page - Apacer Technology Inc.

No de pièce CS710-CF
Description  Apacer industrial CS710-CF card
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APACER [Apacer Technology Inc.]
Site Internet  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CS710-CF Fiches technique(HTML) 2 Page - Apacer Technology Inc.

  CS710-CF Datasheet HTML 1Page - Apacer Technology Inc. CS710-CF Datasheet HTML 2Page - Apacer Technology Inc. CS710-CF Datasheet HTML 3Page - Apacer Technology Inc. CS710-CF Datasheet HTML 4Page - Apacer Technology Inc. CS710-CF Datasheet HTML 5Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CS710-CF
Overview
Apacer industrial CS710-CF card is compliant with the CF 6.1 standard
compatible specifications. Apacer adopts the standard 50-pin
connector and SLC chip with higher capacity for the card. It is
available in capacities from 128MB to 64GB. The data transfer mode
is up to PIO Mode 6, Multiword DMA Mode 4, Ultra DMA Mode 6,
with the sequential read/write speed reaching as fast as 55/55
MB/sec. To help data stay correct, this CS710-CFmemory card also
supports 96- bit ECC function, wear-leveling function, S.M.A.R.T.
(Self-Monitoring, Analysis, and Reporting Technology) and supply
voltage power-down detection for full power-down robustness,
thereby substantially enhancing product reliability.
*The actual available memory on the device is less than what is
listed on the package. This is due to small discrepancies in file
formats and algorithms used by various operating systems. In
addition, a portion of memory space is reserved for system files and
data sectors for better performance.



Html Pages

1 2 3 4 5