| Moteur de recherche de fiches techniques de composants électroniques |
|
CFIII Fiches technique(PDF) 2 Page - Apacer Technology Inc. |
|
|
|||||||||||||||||||||||||||||
CFIII Fiches technique(HTML) 2 Page - Apacer Technology Inc. |
|
2 / 4 page ![]() Industrial CFIII (SLC) Overview ‧ Compliant with CFA 3.0 Specification ‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions ‧ Advanced wear-leveling and Block Management ‧ Power Failure Management ‧ Wide Temp. The Industrial CFIII cards are specifically designed for industrial and mission-critical applications, to meet the strict demands of high-end equipment that run at extreme temperature. Besides, it is with shock and vibration resistance, less power consumption, and higher error detection and correction capabilities, providing industrial users with durability and reliability. For value-added function, Apacer's CFIII series support S.M.A.R.T., which gives a notification as the card approaches the end of its life cycle. It is designed for use in Point of Sale (POS) terminals, telecom, IP-STB, medical instruments, surveillance systems, industrial PCs and handheld applications.*The actual available memory on the device is less than what is listed on the package. This is due to small discrepancies in file formats and algorithms used by various operating systems. In addition, a portion of memory space is reserved for system files and data sectors for better performance. Feature |