Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CF6A Fiches technique(PDF) 2 Page - Apacer Technology Inc.

No de pièce CF6A
Description  Apacerindustrial CF6A card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APACER [Apacer Technology Inc.]
Site Internet  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CF6A Fiches technique(HTML) 2 Page - Apacer Technology Inc.

  CF6A Datasheet HTML 1Page - Apacer Technology Inc. CF6A Datasheet HTML 2Page - Apacer Technology Inc. CF6A Datasheet HTML 3Page - Apacer Technology Inc. CF6A Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Industrial CF6A
Overview
Apacer industrial CF6A card is compliant with the CFA 6.0
specifications. Apacer adopts the standard 50-pin connector and SLC
chip featuring industry-level stability for the card. It is available in
capacities from 256MB to 32GB. The data transfer mode is up to
PIO Mode 6 , Multiword DMA Mode 4 ,Ultra DMA Mode 7 ,
PCMCIA UDMA Mode 7, with the sequential read/write speed
reaching as fast as 60/65 MB/sec. To help data stay correct, this
CF6A memory card also supports 72-bit ECC function, wear-leveling
function and S.M.A.R.T. (Self-Monitoring, Analysis, and Reporting
Technology), thereby substantially enhancing product reliability.
*The actual available memory on the device is less than what is
listed on the package. This is due to small discrepancies in file
formats and algorithms used by various operating systems. In
addition, a portion of memory space is reserved for system files and
data sectors for better performance.
Feature
‧ Compliant with CFA 6.0 specifications
‧ Write protect
‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions
‧ Advanced wear-leveling and Block Management
‧ Power Failure Management
‧ Wide Temp.



Html Pages

1 2 3 4