Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPS161HFTR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce IPS161HFTR
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS161HFTR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button IPS161HFTR Datasheet HTML 12Page - STMicroelectronics IPS161HFTR Datasheet HTML 13Page - STMicroelectronics IPS161HFTR Datasheet HTML 14Page - STMicroelectronics IPS161HFTR Datasheet HTML 15Page - STMicroelectronics IPS161HFTR Datasheet HTML 16Page - STMicroelectronics IPS161HFTR Datasheet HTML 17Page - STMicroelectronics IPS161HFTR Datasheet HTML 18Page - STMicroelectronics IPS161HFTR Datasheet HTML 19Page - STMicroelectronics IPS161HFTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
7
Active VDS clamp
Active clamp is also known as fast demagnetization of inductive loads or fast current decay. When a high-side
driver turns off an inductance, an undervoltage is detected on output.
The OUT pin is pulled down to Vdemag. The conduction state is modulated by internal circuitry in order to keep the
OUT pin voltage at about Vdemag until the load energy has been dissipated. The energy is dissipated both in the
IC internal switch and in the load resistance.
Figure 10. Active clamp equivalent principle schematic
OUT
GND
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IC
L LOAD
Clamp
circuitry
VCC
EXPOSED PAD
IPS160HF, IPS161HF
Active VDS clamp
DS13271 - Rev 2
page 16/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27