Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9963 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce L9963
Description  Automotive chip for battery management applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button L9963 Datasheet HTML 3Page - STMicroelectronics L9963 Datasheet HTML 4Page - STMicroelectronics L9963 Datasheet HTML 5Page - STMicroelectronics L9963 Datasheet HTML 6Page - STMicroelectronics L9963 Datasheet HTML 7Page - STMicroelectronics L9963 Datasheet HTML 8Page - STMicroelectronics L9963 Datasheet HTML 9Page - STMicroelectronics L9963 Datasheet HTML 10Page - STMicroelectronics L9963 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2.2
TQFP64EP (10x10x1 mm exp. pad down) marking information
Figure 4. TQFP64EP (10x10x1 mm exp. pad down) marking information
LQFP/TQFP 64 TOP VIEW
(not in scale)
Marking area A
Pin1 Ref.
Marking area B
Last two digits
ES: Engineering sample
<blank>: Commercial sample
GAPG1603161242PS_ES
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production. ST is not responsible
for any consequences resulting from such use. In no event will ST be liable for the customer using any of these
engineering samples in production. ST’s Quality department must be contacted prior to any decision to use these
engineering samples to run a qualification activity.
L9963
TQFP64EP (10x10x1 mm exp. pad down) marking information
DB4045 - Rev 1
page 8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11