| Moteur de recherche de fiches techniques de composants électroniques |
|
IPS161HF Fiches technique(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IPS161HF Fiches technique(HTML) 15 Page - STMicroelectronics |
|
15 / 27 page ![]() 6.6 GND disconnection protection GND disconnection is intended as the disconnection event of the application ground, see figure below. When this event happens, the IC continues working normally until the voltage between VCC and GND pins of the IC is ≥ VUVOFF. The voltage on GND pin of the IC rises up to the supply rail voltage level. In case of GND disconnection event, a current (ILGND) flows through OUT pin. Table 4. Supply shows IOUT = ILGND for the worst case GND disconnection event where the output is shorted to ground. Figure 9. GND disconnection OUT GND SUPPLY RAIL GROUND PLANE APPLICATION BOARD IC VCC EXPOSED PAD ON CVCC VCC DRIVING CIRCUITRY LOAD IPS160HF, IPS161HF GND disconnection protection DS13271 - Rev 2 page 15/27 |