| Moteur de recherche de fiches techniques de composants électroniques |
|
IIS3DHHCTR Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS3DHHCTR Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 30 page ![]() 7.11 FIFO_CTRL (2Eh) FIFO control register Table 22. FIFO_CTRL register FMODE2 FMODE1 FMODE0 FTH4 FTH3 FTH2 FTH1 FTH0 Table 23. FIFO_CTRL register description FMODE [2:0] FIFO mode selection bits. Default value: 000 For further details refer to Table 24. FIFO mode selection. FTH [4:0] FIFO threshold level setting. Default value: 0 0000 Table 24. FIFO mode selection FMODE2 FMODE1 FMODE0 Mode 0 0 0 Bypass mode. FIFO turned off 0 0 1 FIFO mode. Stops collecting data when FIFO is full. 0 1 0 Reserved 0 1 1 Continuous mode until trigger is asserted, then FIFO mode. 1 0 0 Bypass mode until trigger is asserted, then Continuous mode. 1 0 1 Reserved 1 1 0 Continuous mode. If the FIFO is full, the new sample overwrites the older sample. 1 1 1 Reserved IIS3DHHC FIFO_CTRL (2Eh) DS12292 - Rev 3 page 22/30 |