Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IIS2DLPCTR Fiches technique(PDF) 66 Page - STMicroelectronics

No de pièce IIS2DLPCTR
Description  MEMS digital output motion sensor: high-performance ultra-low-power 3-axis accelerometer for industrial applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DLPCTR Fiches technique(HTML) 66 Page - STMicroelectronics

Back Button IIS2DLPCTR Datasheet HTML 61Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 62Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 63Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 64Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 65Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 66Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 67Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 68Page - STMicroelectronics IIS2DLPCTR Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 69 page
background image
Package information
IIS2DLPC
66/69
DocID031788 Rev 4
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
9.1
Soldering information
The LGA package is compliant with the ECOPACK, RoHS and “Green” standard.
It is qualified for soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
9.2
LGA-12 package information
Figure 21. LGA-12 2.0 x 2.0 x 0.7 mm package outline and mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69