Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TN2124 Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce TN2124
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2124 Fiches technique(HTML) 6 Page - Microchip Technology

Back Button TN2124 Datasheet HTML 2Page - Microchip Technology TN2124 Datasheet HTML 3Page - Microchip Technology TN2124 Datasheet HTML 4Page - Microchip Technology TN2124 Datasheet HTML 5Page - Microchip Technology TN2124 Datasheet HTML 6Page - Microchip Technology TN2124 Datasheet HTML 7Page - Microchip Technology TN2124 Datasheet HTML 8Page - Microchip Technology TN2124 Datasheet HTML 9Page - Microchip Technology TN2124 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TN2124
DS20005698A-page 6
 2018 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The details on the pins of TN2124 are listed on
Table 3-1. Refer to Package Type for the location of
pins.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Pin Name
Description
1
Gate
Gate
2
Source
Source
3
Drain
Drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14