Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC6320 Fiches technique(PDF) 8 Page - Microchip Technology

No de pièce TC6320
Description  N-Channel and P-Channel Enhancement-Mode MOSFET Pair
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6320 Fiches technique(HTML) 8 Page - Microchip Technology

Back Button TC6320 Datasheet HTML 4Page - Microchip Technology TC6320 Datasheet HTML 5Page - Microchip Technology TC6320 Datasheet HTML 6Page - Microchip Technology TC6320 Datasheet HTML 7Page - Microchip Technology TC6320 Datasheet HTML 8Page - Microchip Technology TC6320 Datasheet HTML 9Page - Microchip Technology TC6320 Datasheet HTML 10Page - Microchip Technology TC6320 Datasheet HTML 11Page - Microchip Technology TC6320 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC6320
DS20005697A-page 8
 2017 Microchip Technology Inc.
4.0
PACKAGING INFORMATION
4.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for product code or customer-specific information. Package may or
not include the corporate logo.
3
e
3
e
8-lead DFN
Example
NNN
XXXXXXX
XXXXXXX
YYWW
e3
222
K6
TC6320
1715
e3
8-lead SOIC
Example
NNN
XXXXXXX
YYWW
555
TC6320TG
1727
e3
e3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14