| Moteur de recherche de fiches techniques de composants électroniques |
|
AC328904 Fiches technique(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AC328904 Fiches technique(HTML) 1 Page - Microchip Technology |
|
1 / 6 page ![]() AC328904 PIC32 Audio Codec Daughter Board WM8904 Information Sheet Introduction Thank you for purchasing a PIC32 Audio Codec daughter board, AC328904. This information sheet provides important information that will help you successfully use the daughter board as quickly as possible. This daughter board is designed specifically to be used with the PIC32 Bluetooth® Audio Development Kit (DV320032); however, it can also be used with other Microchip development hardware. For additional information about this daughter board, please visit: http://www.microchip.com. Features The PIC32 Audio Codec daughter board, AC328904, is a high-performance stereo codec board for selected PIC32 hardware development platforms. This board features the Wolfson WM8904 (AC328904) Stereo Codec, which includes built-in microphone and headphone amplifiers. This board is suitable for adding audio input and output capabilities to the PIC32 Bluetooth starter kit, and as previously mentioned, it is compatible with the PIC32 Bluetooth Audio development kit. The PIC32 Audio Codec daughter board,WM8904, features are as follows: • WM8904 Codec • MCP1801 power regulator • 3.5 mm inputs and outputs: – Line in – External Mic in – Headphone out Additional Information For additional information on drivers and examples, visit the following Microchip web sits: • http://www.microchip.com/DevelopmentTools/ProductDetails/ac328904 • www.microchip.com/harmony © 2018 Microchip Technology Inc. DS50002775A-page 1 |
Numéro de pièce similaire - AC328904 |
|
Description similaire - AC328904 |